|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LED Infrared LED L8013 Easy optical axis alignment LED for PCF200 fiber data links L8013 is a high-speed LED developed for optical data links using PCF200 fibers. L8013 uses a non-confined structure chip that does not show the abrupt deterioration often encountered in some types of confined chips, thus providing high reliability over extended operation time. The optical output at the fiber end usually tends to vary due to non-uniform LED chip thickness. L8013 minimizes this problem by using a light condensing reflector with a slight matching offset from the chip. This widens the fiber input beam profile so fine adjustment of the optical axis is not required. Features Applications l Easy optical axis alignment l High-speed response: 50 MHz Typ. l High optical output: 45 W Typ. l High reliability l Optical data link (IF=30 mA, when used with PCF200 fiber) s Absolute maximum ratings (Ta=25 C, unless otherwise noted) Parameter Reverse voltage Forward current Forward current decrease rate Pulse forward current Pulse forward current decrease rate Power dissipation Operating temperature Storage temperature Symbol Condition VR Max. IF Ta > 25 C Pulse width=10 s IFP Duty ratio=1 % P Topr Tstg Ta > 25 C Value 3 80 1 0.5 6.5 150 -30 to +85 -40 to +100 Unit V mA mA/C A mA/C mW C C s Electrical and optical characteristics (Ta=25 C) Parameter Symbol Condition Min. Typ. Max. Peak emission wavelength IF=30 mA 840 870 900 p Spectral half width IF=30 mA 45 Fiber end output *1 Pf IF=30 mA 30 45 Radiant flux IF=30 mA 4.5 6.5 e Forward voltage VF IF=30 mA 1.45 1.6 Reverse current IR VR=3 V 10 Cut-off frequency *2 fc IF=30 mA 4 mAp-p 30 50 *1: PCF200 fiber; distance between fiber end and L8013 cap glass: 0.3 mm *2: Frequency at which the optical output decreases by -3 dB versus a reference output level at 100 kHz. Unit nm nm W mW V A MHz 1 Infrared LED s Emission spectrum 100 (Typ. Ta=25 C, IF=30 mA) L8013 s Frequency response 1 (Typ. Ta=25 C, IF=30 mA 4 mAp-p) 80 RELATIVE RADIANT OUTPUT (dB) RELATIVE RADIANT OUTPUT (%) 0 -1 -2 -3 -4 -5 -6 -7 -8 60 40 20 0 700 800 900 1000 1 10 100 WAVELENGTH (nm) KLEDB0218EA FREQUENCY (MHz) KLEDB0219EA s Fiber coupling characteristics X, Y axes 120 (Typ. Ta=25 C, IF=30 mA, PCF200 fiber, Z=0.3 mm) Y Z axis 120 (Typ. Ta=25 C, IF=30 mA, PCF200 fiber, X, Y=0 mm) Y RELATIVE FIBER END OUTPUT (%) RELATIVE FIBER END OUTPUT (%) 100 XZ 100 XZ 80 80 60 60 40 40 20 20 0 -2.0 0 -1.0 0 1.0 2.0 0 0.2 0.4 0.6 DISTANCE FROM CAP CENTER X, Y (mm) KLEDB0220EA DISTANCE BETWEEN FIBER END AND CAP SURFACE Z (mm) KLEDB0221EA s Allowable forward current vs. ambient temperature (Typ.) s Dimensional outline (unit: mm) 5.4 0.2 4.7 0.15 2.7 0.2 13.5 1.0 RELATIVE ALLOWABLE FORWARD CURRENT (%) 100 WINDOW 4.0 0.1 80 60 0.45 LEAD 2.54 0.2 40 20 0 -40 -20 0 20 40 60 80 100 AMBIENT TEMPERATURE (C) KLEDB0027EB COMMON TO CASE KLEDA0073EA Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. (c)2002 Hamamatsu Photonics K.K. HAMAMATSU PHOTONICS K.K., Solid State Division 1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218 Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658 France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10 United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777 North Europe: Hamamatsu Photonics Norden AB: Smidesvagen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01 Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741 2 Cat. No. KLED1033E01 Jan. 2002 DN |
Price & Availability of L8013 |